PART |
Description |
Maker |
LT3427 |
1.25MHz Synchronous Step-Up DC/DC Converter
|
Linear Technology
|
UM3510DA UM3510S |
1A, 2.25MHz, Synchronous Step-Down DC-DC Converter
|
Union Semiconductor, In...
|
RT8057A GRM31CR71A106KA01 GRM31CR71A475KA01 |
2.25MHz 1A Synchronous Step-Down Converter
|
Richtek Technology Corporation Richtek Technology Corp...
|
BD90571EFJ-CE2 |
2.69 to 5.5V, 1.2V Output, 2.25MHz Synchronous Step-Down Converter
|
Rohm
|
LTC3410B |
2.25MHz/ 300mA Synchronous Step-Down Regulator
|
Linear Technology
|
SE3806 |
1.25MHz, 600mA Synchronous Step-Down Regulator
|
Seaward Electronics Inc.
|
LTC3407A-2-15 |
Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
JMK107BJ475RA JMK107BJ106MA GRM219R60J106KE19 GRM2 |
Dual 800mA, 1.25MHz Synchronous Step-Down Converter
|
Richtek Technology Corporation Richtek Technology Corp...
|
LTC3448 3448F LTC3448EMS8E LTC3448EDD |
From old datasheet system 1.5MHz/2.25MHz, 600mA Synchronous Step-Down Regulator with LDO Mode
|
Linear Technology
|
LT1767 LT1767-1.8 LT1767-2.5 LT1767-3.3 LT1767-5 L |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?掳C to 85?掳C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 1500 kHz SWITCHING FREQ-MAX, PDSO8 SWITCH ROLLER LEVER Monolithic 1.5A/ 1.25MHz Step-Down Switching Regulators Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|